Part Number Hot Search : 
20060 24C02B F10020 60N25 0402J HC405 20B5T C4747
Product Description
Full Text Search
 

To Download D6L00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D6 SPST Momentary Key Switches
Features/Benefits
* Easy X, Y coding on single side PCB * Positive tactile feedback * High temperature type available * Wide variety of colors & styles
Typical Applications
* * * * Automotive Video Electronic games Appliances
Construction
FUNCTION: momentary CONTACT ARRANGEMENT: 1 make contact (SPST), NO DISTANCE BETWEEN BUTTON CENTERS, MIN.: 12,7 (0.500) TERMINALS: PC pins
Mechanical
SWITCHING TRAVEL: 0,8 0,2 (0.0301 0.0078) OPERATING FORCE: 1.3 N 30% (130 grams 30%)
Environmental
OPERATING TEMPERATURE: -20C to 85C.
Electrical
SWITCHING POWER MAX.: 6 VA SWITCHING VOLTAGE MAX.: 100 V DC SWITCHING CURRENT MAX.: 100 mA DC DIELECTRIC STRENGTH (50 Hz / 1 min): 1000 V OPERATING LIFE with max. switching power: 2.5 x 105 operations CONTACT RESISTANCE: 100 m INSULATION RESISTANCE: 1011 BOUNCE TIME: 3 ms
Process
SOLDERABILITY: Hand soldering: 350C for 3 seconds Wave or bath soldering: 225C for 5 seconds High Temperature version: 260C for 5 seconds** Cleaning: Use solvents compatible with ABS
How To Order Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired option from each category and place it in the appropriate box.
D Key Switches
Switch D
Series D6C Square D6R Round D6F Flat* D6L Plunger*
6
*Available in black only. ** Only available in red, blue and black
Switch Color 00 White 10 Gray 30 Yellow 40 Red 50 Green 60 Blue 80 Ivory 90 Black
Option NONE Standard HT High Temperature**
Buttons can be ordered separately. Shipped in bulk.
Series BTND6
B
T
N
D
6
Button
Button Color 00 White 10 Gray 30 Yellow 40 Red 50 Green 60 Blue 80 Ivory 90 Black
Dimensions shown in: mm (inch) Dimensions subject to change
D-17
www.ittcannon.com
D6 SPST Momentary Key Switches
SERIES
D6C
4,0 (.157) R 0,3 (.012)
9,8 (.386)
5,0 (.197) o12,0 (.472)
0,8 (.031) 11,4 (.449)
7,7 (.303)
7,7 (.303)
D6R
7,0 (.276)
12,9 (.508)
5,0 (.197) o12,0 (.472)
0,8 (.031)
3,2 min. (.126)
3,2 min. (.126)
11,5 (.453)
D Key Switches
o9,0 (.354) 11,4 (.449)
D6F
Only available in black
6,0 (.236)
5,0 (.197)
5,0 (.197)
0,8 (.031) 11,4 (.449)
o12,0 (.472)
3,2 min. (.126)
7,5 (.295)
Third Angle Projection
Dimensions shown in: mm (inch) Dimensions subject to change
D-18
www.ittcannon.com
D6 SPST Momentary Key Switches
SERIES
D6L Only available in black
3,3 (.130) 5,5 (.217) 3,3 (.130)
11,3 (.445)
5,0 (.197)
0,8 (.031) o12,0 (.472) 11,4 (.449)
SWITCH COLORS
OPTION CODE SWITCH COLOR WHITE GRAY YELLOW RED GREEN BLUE IVORY BLACK
D Key Switches
00 10 30 40 50 60 80 90
OPTION
NONE HT
STANDARD
HIGH TEMPERATURE
3,2 min. (.126)
12,8 (.504)
Third Angle Projection
Dimensions shown in: mm (inch) Dimensions subject to change
D-19
www.ittcannon.com
D6 SPST Momentary Key Switches
BUTTON AVAILABLE
BTND6 Buttons must be ordered separately. Shipped in bulk.
11,3 (.44)
OPTION CODE
BUTTON COLOR WHITE GRAY YELLOW RED GREEN BLUE IVORY BLACK
00 10 30 40 50 60 80 90
R1
12,4 (.48)
D Key Switches
Third Angle Projection
Dimensions shown in: mm (inch) Dimensions subject to change
D-20
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of D6L00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X